Part Number Hot Search : 
4749A MJ10004 74LV2 GBS304 2N5225 3N60E MP2361DK 11N80C
Product Description
Full Text Search
 

To Download AM3G-1215S-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series AM3G-NZ
3 Watt | DC-DC Converter
FEATURES: * RoHS compliant * Very low No load consumption * Remote On/Off Control * 8 pin SIP package * * * * Operating temperature -40oC to + 85oC Continuous Short circuit protection Wide 2:1 input range High efficiency up to 81%
Models Single output
Model
AM3G-1205S-NZ AM3G-1209S-NZ AM3G-1212S-NZ AM3G-1215S-NZ AM3G-2405S-NZ AM3G-2409S-NZ AM3G-2412S-NZ AM3G-2415S-NZ
Input Voltage (V)
9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36
Output Voltage (V)
5 9 12 15 5 9 12 15
Output Current max (mA)
600 333 250 200 600 333 250 200
Isolation (VDC)
1500 1500 1500 1500 1500 1500 1500 1500
Capacitor Load (F)
2200 1000 820 680 2200 1000 820 680
Efficiency
78 79 80 80 78 79 80 81
Models Dual output
Model
AM3G-1205D-NZ AM3G-1209D-NZ AM3G-1212D-NZ AM3G-1215D-NZ AM3G-2405D-NZ AM3G-2409D-NZ AM3G-2412D-NZ AM3G-2415D-NZ
Input Voltage (V)
9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36
Output Voltage (V)
5 9 12 15 5 9 12 15
Output Current max (mA)
300 167 125 100 300 167 125 100
Isolation (VDC)
1500 1500 1500 1500 1500 1500 1500 1500
Capacitor Load (F)
560 470 330 220 560 470 330 220
Efficiency (%)
78 79 80 80 78 79 80 81
Input Specifications
Parameters
Voltage range Filter Maximum Rating Peak Input Voltage time On/Off Control 12 Vin 24 Vin
Nominal
12 24
Typical
Maximum
Units
VDC VDC ms
9-18 18-36 Capacitor 22 40 100 ON - low or open; OFF - high
Isolation Specifications
Parameters
Tested voltage Resistance Capacitance
Conditions
60 sec 100kHz, 1V
Typical
1500 > 1000 80
Maximum
Units
VDC MOhm pF
www.aimtec.com
F 051e R2.A
Tel: +1 514 620 2722 1 of 3
Toll free: + 1 888 9 AIMTEC (924 6832)
North America only
Series AM3G-NZ
3 Watt | DC-DC Converter Output Specifications
Parameters
Voltage accuracy Voltage balance Short Circuit protection Line voltage regulation Load voltage regulation Temperature coefficient Ripple & Noise
Conditions
Dual Output 25~100% load Auto recovery LL~HL load 10~100% At 20MHz Bandwidth
Typical
3 5 Continuous 0.5 1 0.03 100
Maximum
Units
% % % % %/oC mV p-p
General Specifications
Parameters
Switching frequency Operating temperature Storage temperature No load power consumption Cooling Humidity Case material Weight Dimensions (L x H x W) MTBF
Conditions
100% load With derating above 71oC
Typical
>200 -40 to +85 -50 to +125 100 Free air convection
Maximum
500
Units
KHz o C o C mW
Non condensing
% 95 Non-conductive black plastic (UL94V-0 rated) g 6 22 x 9.5 x 12 mm 0.87 x 0.37 x 0.47 inch >1 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
Pin Out Specifications
Pin
1 2 3 5 6 7 8
Dimensions
Dual
Single
- V Input + V Input On/Off Control N.C. + V Output - V Output CS
- V Input + V Input On/Off Control N.C. + V Output Common - V Output
Derating
Vout CS
CS Capacitor Table 5V 9V 12V 15V 24V 47uF - 100uF 10uF - 47uF
www.aimtec.com
F 051e R2.A
Tel: +1 514 620 2722 2 of 3
Toll free: + 1 888 9 AIMTEC (924 6832)
North America only
Series AM3G-NZ
3 Watt | DC-DC Converter
Control ON/OFF pin connection example:
The voltage could be applied through a limiting resistor and a switching diode. The converter is in a low power mode during high level phase.
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. Aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 5. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet.
www.aimtec.com
F 051e R2.A
Tel: +1 514 620 2722 3 of 3
Toll free: + 1 888 9 AIMTEC (924 6832)
North America only


▲Up To Search▲   

 
Price & Availability of AM3G-1215S-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X